Part Number Hot Search : 
D476A 1NXJL D2502 FZL4145D TEA2014 BL808 GRM155 EL2186CS
Product Description
Full Text Search
 

To Download SRS3830A-500000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 all specifications are subject to change without notice. sn 3.3v_rs rev2008_dec04_01.3 saronix-ecera? is a pericom? semiconductor company ? us: +1-408-435-0800 tw: +886-3-4518888 ? www.saronix-ecera .com 3 . 3 v p e c l l o w j i t t e r r a t e s e l e c t ? x o 3.3v pecl low jitter rateselect? xo sn series crystal clock oscillator (xo) legacy srs383 series 7.0 x 5.0mm sn output enable/disable function 0 = n/c pin 1 3 = oe pin 1 saronix product series s rs383 3 b - 212.5000 (t) output frequency (mhz) frequency stability a = 25 ppm (-10 to +70c) b = 50 ppm (-10 to +70c) e = 50 ppm (-40 to +85c) packaging (t) = tape & reel full reel increments blank = bulk packaged product features 50 to 220 mhz frequency range ? <1 ps rms jitter with advanced non-pll, ? patented design (u.s. patent #7002423) rateselect? function toggles output ? frequency between primary and primary/2 rohs compliant ? product description the sn series 3.3v crystal clock oscillator achieves superb jitter and stability over a broad range of operating conditions and frequencies. the output clock signal, generated internally with a patented oscillator design, is compatible with lvpecl logic levels. the device contains a divide-by-2 rateselect? function that toggles the output frequency and is available on tape and reel, is contained in a 7.0 x 5.0mm surface-mount ceramic package. applications the sn series is ideal for high-speed applications requiring low jitter, including: 1/10 gigabit ethernet ? 2/4/10g fibre channel ? serial attached scsi (sas) ? server & storage platforms ? sonet/sdh linecards ? passive optical network (pon) systems ? package: pin functions: pin function 1 oe or nc 2 rs (rateselect?) 3v ee 4q output 5q output 6v cc recommended land pattern: 7.0 x 5.0mm ceramic smd part ordering information: sn xxx yyyy a: product  family b: xxx = frequency  code c: yyyy = specification  code following the above format, saronix-ecera part numbers will be assigned upon confirmation of exact customer requirements. legacy ordering information - for reference only:
2 all specifications are subject to change without notice. sn 3.3v_rs rev2008_dec04_01.3 saronix-ecera? is a pericom? semiconductor company ? us: +1-408-435-0800 tw: +886-3-4518888 ? www.saronix-ecera .com 3 . 3 v p e c l l o w j i t t e r r a t e s e l e c t ? x o 3.3v pecl low jitter rateselect? xo sn series crystal clock oscillator (xo) legacy srs383 series | 7.0 x 5.0mm sn output enable / disable function parameter min. typ. max. units notes input voltage (pin oe), output enable 0.7v cc vor open input voltage (pin oe), output disable (low power standby) 0.8 v outpus disabled to hi-z internal pullup resistance 50 k output disable delay 200 ns output enable delay 10 ms electrical performance parameter min. typ. max. units notes output frequency 50 220 mhz primary output frequency, as speci ed supply voltage 2.97 3.30 3.63 v supply current, output enabled 50 60 ma supply current, output disabled 15 a frequency stability 20 to 50 ppm see note 1 below operating temperature range -20 +70 c commercial (standard) -40 +85 industrial (standard) output logic 0, v ol v cc C 1.620 v 0 to +85c v cc C 1.555 v -40 to 0c output logic 1, v oh v cc C 1.025 v 0 to +85c v cc C 1.085 v-40 to +0c output load 50 to v cc C 2v output requires termination duty cycle 45 55 % measured 50% v dd rise and fall time 7 ns measured 20/80% of waveform jitter, phase 1 ps rms (1- ) 12 khz to 20 mhz frequency band jitter, total 40 ps pk C pk 1000 random periods notes: 1. stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial ca libration tolerance (25c), aging (5 year at 40c average effective ambient temperature), shock and vibration. 2. for speci cations othere than those listed, please contact sales. absolute maximum ratings parameter min. typ. max. units notes storage temperature -55 +125 c rateselect? function parameter min. typ. max. units notes input voltage (rs pin), primary 2.0 v or open, output is primary frequency internal pullup resistance 50 k input voltage (rs pin), primary/2 0.8 v output is primary frequency divided by 2
3 all specifications are subject to change without notice. sn 3.3v_rs rev2008_dec04_01.3 saronix-ecera? is a pericom? semiconductor company ? us: +1-408-435-0800 tw: +886-3-4518888 ? www.saronix-ecera .com 3 . 3 v p e c l l o w j i t t e r r a t e s e l e c t ? x o 3.3v pecl low jitter rateselect? xo sn series crystal clock oscillator (xo) legacy srs383 series | 7.0 x 5.0mm sn reliability test ratings this product is rated to meet the following test conditions: type parameter test condition mechanical shock mil-std-883, method 2002, condition b mechanical solderability jesd22-b102-d method 2 (preconditioning e) mechanical terminal strength mil-std-883, method 2004, condition d mechanical gross leak mil-std-883, method 1014, condition c mechanical fine leak mil-std-883, method 1014, condition a2 (r 1 = 2x10 -8 atm cc/s) mechanical solvent resistance mil-std-202, method 215 environmental thermal shock mil-std-883, method 1011, condition a environmental moisture resistance mil-std-883, method 1004 environmental vibration mil-std-883, method 2007, condition a environmental resistance to soldering heat j-std-020c table 5-2 pb-free devices (2 cycles max) test circuit output enable/disable function (oe function present on specified pin) 6 5 4 1 2 3 50 7 50 7 test point (termination internal to scope) 0.1 f -1.3v 0.01 f 0.1 f 0.01 f +2v note: in new circuit "2" is labeled as "rate select" re ow soldering pro le peak 260c for 10 sec max 260 temperature ? c 1 to 3c/sec max 60 to 90 sec time 1 to 3c/sec 217 4 to 6 minutes max as per ipc/jedec j-std-020c


▲Up To Search▲   

 
Price & Availability of SRS3830A-500000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X